Part Number Hot Search : 
V0DS00 C114T AD102 24S10 001TC NJU6053 BPZ5024 68HC705
Product Description
Full Text Search
 

To Download SC9257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silan Semiconductors
PLL FOR DTS
DESCRIPTION
The SC9257 is phase-locked loop (PLL) LSIs for digital tuning systems (DTS) with built in 2 modulus prescalers. All functions ate controlled through 3 serial bus lines. These LSIs are used to configure high-performance digital tuning system.
SC9257
DIP-20-300-2.54
FEATURES
* Optimal for configuring digital tuning systems in high-fi tuners and car stereos. * built-in prescalers. Operate at input frequency ranging from 30~150 MHz during FMIN input (with 2 modulus prescaler) and at 0.5~40MHz during AMIN input (with 2 modulus prescaler or direct dividing). * 16 bit programmable counter, dual parallel output phase comparator, crystal oscillator and reference counter. * 3.6MHz, 4.5MHz, 7.2MHz or 10.8MHz crystal oscillators can be used. * 15 possible reference frequencies. ( When using 4.5MHz crystal) * Built-in 20 bit general-purpose counter for such uses as measuring intermediate frequencies (IFIN1 and IFIN2) and lowfrequency pilot signal cycles (SCIN). * High-precision (0.55~7.15s) PLL phase error detection. * Numerous general-purpose I/O pins for such uses as peripheral circuit control. * 4 N-channel open-drain output ports (OFF withstanding voltage:12V) for such uses as control signal output. * Standby mode function (turns off FM, AM and IF amps) to save current consumption. * All functions controlled through 3 serial bus lines. * CMOS structure with operating power supply range of VDD=5.00.5V.
SOP-20-300-1.27
PIN CONFIGURATION
XT XT PERIOD CLOCK DATA OT-1 OT-2 OT-3 OT-4 1 2 3 20 DO2 19 DO1 18 I/O-7/SCIN
SC9257
4 5 6 7 8 9
17 I/O - 8/IFIN1 16 I/O - 9/IFIN2 15 GND 14 FMIN 13 AMIN 12 VDD 11 I/O-6
I/O - 5/CLK 10
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
1
Silan Semiconductors
BLOCK DIAGRAM
VDD AMP FML 1/2 FMH HF FM OSC CIRCUIT LF MODE 2 MODULUS PERSCALER PSC 4bit SWALLOW COUNTER POWER ON RESET PHASE COMPARATOR GND
SC9257
FMIN AMIN XT XT
RESET TRI-STATE BUFFER TRI-STATE BUFFER OT4 I/O-5/CLK I/O PORT I/O-6 DO1
12bit PROGRAMMABLE COUNTER 4 12 MAX 15 24bit REGISTER 4
REFERENCE COUNTER 1ms OSC
DO2
UNLOCK 5
DATA CLOCK 8 ADDRESS DECODER PERIOD
24bit SHIFT REGISTER TEST 24 22 10 24bit REGISTER 4
OUTPUT PORT
5
I/O-9/IFIN2 AMP I/O-8/IFIN1 GATE AMP I/O-7/SCIN
4
20bit BINARY COUNTER UNIVERSAL COUNTER CONTROL XT 1ms
OT-4 OT-1 OT-3 OT-2 OT-4
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Characteristic
Supply Voltage Input Voltage N-ch Open-Drain Off withstanding Voltage Power Dissipation Operating Temperature Storage Temperature
Symbol
VCC VIN VOFF PD TOPR TSTG
Value
-0.3~6.0 -0.3~VDD+0.3 13 300(200) -40~85 -65~150
Unit
V V V mW C C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
2
Silan Semiconductors
SC9257
Test Condition/Pin
PLL operation (normal operating) VDD=5.0V, XT=10.8MHz,
ELECTRICAL CHARACTERISTICS (unless otherwise specified, Ta= -40~85C, VDD=4.5~5.58V.)
Characteristic
Operating Power Supply Voltage
Symbol
VDD1
Min
4.5
Typ.
5.0
Max
5.5
Unit
V
Operating Power Supply Current Stand-by mode Crystal Oscillation Frequency
IDD1
FMIN=150MHz
--
7
15
mA
PLL OFF VDD2 (Operating crystal oscillation) IDD2 VDD=5.0V, XT =10.8MHz PLL OFF VDD=5.0V, XT stop, PLL OFF -0.8 1.5 mA A 4.0 5.0 5.5 V
Supply Voltage
Operating Power Supply Current
Operating Power Supply Current Operating frequency range
IDD3
--
120
240
Connect crystal resonator Crystal Oscillation Frequency fXT to XT- XT terminal FMH, FML mode, VIN=0.2Vp-p FML mode, VIN=0.3Vp-p HF mode, VIN=0.2Vp-p LF mode, VIN=0.2Vp-p VIN=0.2Vp-p VIH=0.7VDD, VIL=0.3VDD, square wave input. 3.6 ~ 10.8 MHz
FMIN (FMH, FML) FMIN (FML) AMIN (HF) AMIN (LF) IFIN1, IFIN2 SCIN Operating input amplitude range FMIN (FMH, FML)
fFM fFML fHF fLF fIF fSC
30 30 1 0.5 0.1 --
~ ~ ~ ~ ~ ~
130 150 40 20 15 100
MHz MHz MHz MHz MHz kHz
VFM VFML VHF VLF VIF
FMH, FML mode, fIN=30~130MHz FML mode, fIN=30~150MHz HF mode, fIN=1~40MHz LF mode, fIN=0.5~20MHz FIN=0.1~15MHz
0.2 0.3 0.2 0.2 0.2
~ ~ ~ ~ ~
VDD-0.5 VDD-0.5 VDD-0.5 VDD-0.5 VDD-0.5
Vp-p Vp-p Vp-p Vp-p Vp-p
FMIN (FML) AMIN (HF) AMIN (LF) IFIN1, IFIN2 OT1~OT4 N-ch open drain Output Current OFF-leak Current "L" level
IOL1 IOEF
VOL=1.0V VOFF=12V
5.0 --
10.0 ---
-2.0
mA A
(To be continued)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
3
Silan Semiconductors
(Continued)
SC9257
Test Condition/Pin Min
0.7VDD 0 VIH=5V VIL=0V VOH=4.0V (expect SCIN) VOL=1.0V (expect SCIN) ---2.0 2.0
Characteristic
I/O-5~I/O-9, SCIN Input Voltage "H" level "L" level Input Current "H" level "L" level Output Current "H" level "L" level PERIOD, CLOCK, DATA Input Voltage "H" level "L" level Input Current "H" level "L" level Output Current "H" level "L" level DO1, DO2 Input Current "H" level "L" level Tri-State Lead Current
XT
Symbol
VIH1 VIL1 IIH IIL IOH4 IOL4
Typ.
~ ~ ---4.0 4.0
Max
VDD 0.3VDD 2.0 -2.0 ---
Unit
V A
mA
VIH2 VIL2 IIH IIL IOH5 IOL5 VIH=5V VIL=0V VOH=4.0V (DATA) VOL=1.0V (DATA)
0.8VDD 0 ---1.0 1.0
~ ~ ---3.0 3.0
VDD 0.2VDD 2.0 -2.0 ---
V A
mA
IOH3 IOL3 ITL
VOH=4.0V VOL=1.0V VTLH=5V, VTLL=0V
-2.0 2.0 --
-4.0 4.0 --
--1.0
mA A
Output Current
"H" level "L" level
IOH2 IOL2
VOH=4.0V VOL=1.0V
-0.1 0.1
-0.3 0.3
---
mA
Input feedback resistance Input Feedback Resistance "L" level "H" level Rf1 Rf2 FMIN, AMIN, IFIN (Ta=25C) XT- XT (Ta=25C) 350 500 700 1000 1400 k 4000
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
4
Silan Semiconductors
PIN DESCRIPTION
Pin No.
1
SC9257
Description
Connects 3.6MHz, 4.5MHz, 7.2MHz or 10.8MHz crystal oscillator to supply reference frequency and internal clock
XT XT
Symbol
XT
Pin name
Circuit diagram
VDD
Crystal oscillator pins 2
XT
3
PERIOD
Period signal input Serial I/O ports. These pins transfer data to and from the controller to set Clock signal input Serial data input/output N channel open drain port pins, for General-purpose output ports such uses as control signal output. These pins are set to the OFF state when power is turned on. CMOS structure allows free use of divisions and dividing modes, and to control the general-purpose counter and general-purpose I/O ports.
VDD
Schmitt input
4
CLOCK
Schmitt input DATA
CLOCK,PERIOD
5 6 7 8 9 10
DATA OT-1 OT-2 OT-3 OT-4 I/O-5/CLK
N-channel open drain
VDD
General-purpose I/O ports 11 I/O-6
these ports for input or output. Ports are set for input when the power is turned on , I/O-5 can be switched for use as a system clock output pin.
13
AMIN Programmable counter input
These pin input FM and AM band local oscillator signals by capacitor coupling. FMIN and AMIN operate at low amplitude. General-purpose I/O port input/output pins. Can be switched for use as input
VDD
14
FMIN
16
I/O9/IFIN2 General-purpose purpose frequency measurement I/O8/IFIN1 input
pins to measure general-purpose counter frequencies. The frequency
VDD
I/O ports/General- measurement function has such uses counter as measuring intermediate frequencies (IF). These pins feature built-in amps. Data are input by capacitor coupling. FMIN and AMIN operate at low amplitude. (note) Pins are set for input when power is turned on. (To be continued)
17
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
5
Silan Semiconductors
(Continued)
SC9257
Description
General-purpose I/O port input/output
VDD
Pin No.
Symbol
I/O
Pin name
General-purpose
Circuit diagram
ports/ pin. Can be switched for use as signal input pin to measure low-frequency (note) This pin is set for input when power is turned on. (Generaloutput These pins are for phase comparator tri-state output. DO1 and DO2 are output in parallel. cycle signal cycles.
18
I/O7/SCIN
General-purpose counter input measurement
19 20 15 12
DO1
Phase comparator output
VDD
DO2/OT-4 purpose ports) GND VDD
Power supply pins Applies 5.0V10%
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
6
Silan Semiconductors
FUNCTION DESCRIPTION
Serial I/O ports
SC9257
As the block diagram shows, the functions are controlled by setting data in the 48 bits contained in each of the 2 sets of 24 bit registers. Each bit of data in these register is transferred through the serial ports between the controller and the DATA, CLOCK and PERIOD pins. Each serial transfer consists of a total of 32 bits, with 8 address bits and 24 data bits. Since all functions are controlled in units of registers, the explanation in this manual focuses on the 8 bit address and functions of each register. These registers consist of 24 bits and are selected by an 8 bit address. A list of the address assignment for each register is given below under register assignments.
Register
Address
PLL divisor setting
Contents of 24 bits
Reference frequency setting
No. of bit
16 4 2 2 total 24 4 3 1 1 1 5 9 total 24 22 2 total 24 5 5 4 5 5 total 24
Input register 1
D0H
PLL input and mode setting Crystal oscillator selection General=purpose counter control (including lock detection bit control) I/O port and general-purpose counter switching bits I/O-5/CLK pin switching bit
Input register 2
D2H
DO pin control Test bit I/O port control (also used as general-purpose counter input selection bits) Output data General-purpose counter numeric data
Output register 1
D1H
Not used Lock detection data I/O port control data
Output register 2
D3H
Output data Input data (undefined during output port selection) Not used
When the PERIOD signal falls, the input data are latched in register 1 or register 2 and the function is performed. When the CLOCK signal falls for 9 time, the output data are latched in parallel in the output registers. The data are subsequently output serially from the data pin.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
7
Silan Semiconductors
REGISTER ASSIGMENTS
Address=D0H LSB P0 Input registers P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12 P13 P14 P15 R0 R1 R2 R3
SC9257
LSB FM MODE OSC1 OSC2
Programmable counter data
Reference frequency code data
Programmable counter mode
Crystal oscillator selection bits
Address=D2H (*2) G0 G1 SC IF1 IF2 CLK DOHZ RESET START TEST C5 CLK bit DOHZ bit RESET bit START bit TEST bit C6 M7 M8 M9 O1 O2 O3 O4 O5 O6 O7 O8 O9
Gate time select
I/O port and general-purpose counter switching bits
Also used as generalpurpose counter input selection bits I/O port control
Output port output data
Address=D1H LSB f0 Input registers f1 f2 f3 f4 f5 f6 f7 f8 f9 f10 f11 f12 f13 f14 f15 f16 f17 f18 f19 OVER BUSY "0" "0"
General-purpose counter data
Not used
Address=D3H ENA- UN PE1 BLE LOCK PE2 PE3 "0" "0" "0" Not used "0" "0" C5 C6 M7 M8 M9 O1 O2 O3 O4 I5 I6 I7 I8 I9
Lock detection data
I/O port control data
Output data
Input data
When power is turned on, the input registers are set as shown below.
Address=D0H LSB (*1) Input registers (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) (*1) 1 1 1 1 1 1 0 MSB 0
Address=D2H 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Note:
1. Data are undefined. 2. Set data to "0" for test bit.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
8
Silan Semiconductors
Serial transfer format
SC9257
The serial transfer format consists of 8 address bits and 24 data bits (Fig. 1). Addresses D0H~D3H are used. Start End
PERIOD t3 t4 t1 t2 9 clock signal fall CLOCK t8 (*) (*) DATA
LSB
t5
t6
t7
0
0
1
0
1
1
MSB LSB MSB
8 address bits
24 data bits (24bit register)
Fig.1 * Serial data transfer serial data are transferred in sync with the clock signal. In the idlestate, the PERIOD, CLOCK and DATA pin lines are all set to "H" level. When the period signal is at "L" level, the falling of the clock signal initiates serial data transfer. Data transfer ceases when the period signal is set to "L" level when the clock signal is at "H" level. Once serial data transfer has begun, however, no more than 8 falls of the clock signal can occur during the time the period signal is at "L" level. Since the receiving side receives the serial data as valid data when the clock signal rises, it is effective for the sending side to produce output in sync with the clock signal fall. To receive serial data from the output registers (D1H, D3H), set the serial data output to high impedance after the 8 bit address is output but before the next clock signal falls. Data reception subsequently continues until the period signal becomes "L" level; data transfer ends just before the period signal rises. Therefore, the data pin must have an open-drain or tristate interface. Note: 1. when power is turned on, some internal circuit have undefined states. To set internal circuit states, execute a dummy data transfer before performing regular data transfer. 2. times t1~t8 have the following value: t11.0s t21.0s t30.3s t40.3s t50.3s t61.0s t71.0s t80.3s 3. Asterisks represent numbers taken from addresses, as in D*H.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
9
Silan Semiconductors
Crystal oscillator pins (XT, XT )
SC9257
As fig.2 shows, the clock necessary for internal operation is produced by connecting a crystal oscillator between capacitors. Use the crystal oscillator selection bit to select an oscillating frequency of 3.6MHz, 4.5MHz, 7.2MHz or 10.8MHz which matches that of the crystal oscillator used.
LSB Address D0H MSB
OSC1 OSC2
OSC1 0 1 0 1
OSC2 0 0 1 1
OSCILLATOR FREQUENCY 3.6MHz 4.5MHz 7.2MHz 10.8MHz
Divider XT C X'tal XT C C=30pF Typ.
Fig.2 Note: set to 3.6MHz (OSC1="0" and OSC2="0") when power is turned on. The crystal is not oscillating at this time because the system is in standby mode.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
10
Silan Semiconductors
Reference counter (Reference frequency divider)
The reference counter section consists of a crystal oscillator and a counter.
SC9257
A crystal oscillator frequency of 3.6MHZ, 7.2MHZ or 10.8MHZ can be selected .A maximum of 15 reference frequencies can be generated. 1. Setting reference frequency The reference frequency is set using bits R0~R3.
LSB Address D0H
R0 R1 R2 R3
MSB
R0 R1 R2 R3 0 1 0 1 0 1 0 1 0 0 1 1 0 0 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 0
REFERENCE FREQUENCY 0.5 KHz 1 KHz 2.5 KHz 3 KHz 3.125 KHz *3.90654 KHz 5 KHz 6.25 KHz
R0 R1 R2 R3 0 1 0 1 0 1 0 1 0 0 1 1 0 0 1 1 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1
REFERENCE FREQUENCY *7.8125 KHz 9 KHz 10 KHz 12.5 KHz 25 KHz 50 KHz 100 KHz Standby mode (*1)
(Note 1) (Note 2)
Reference frequencies marked with an asterisk "*"can only be generated with a 4.5MHZ crystal oscillator. (*1)Standby mode Standby mode occurs when bits R0,R1,R2,and R3 are all set to "1".In standby mode, the programmable counter stops, and FM, AM and IFIN(when selected IFIN) are set to "amp off" state (pins at "L" level). This saves current consumption when the radio is turned off. The DO pins become high impedance during standby mode. During standby mode, the I/O ports (I/O-5~I/O-9) and output ports (OT1~OT4) can be controlled and the crystal oscillator can be turned on and off.
(Note 3) The system is set to standby mode when power is turned on. At this time, the crystal oscillator is not oscillating and the I/O ports are set to input mode.
Programmable counter
The programmable counter section consists of a 1/2 prescaler, a 2 modulus prescaler and a 4bit +12bit programmable binary counter. 1. Setting programmable counter 16 bits of divisor data and 2 bits, which indicate the dividing mode, are set in the programmable counter.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
11
Silan Semiconductors
(1) Setting dividing mode
SC9257
The FM and MODE bits are used to select the input pin and the dividing mode (pulses wallow mode or direct dividing mode). There are 4 possible choices, shown in the table below .Select one based on the frequency band used.
LSB Address D0H
FM MODE
MSB
MODE FM MODE DIVIDING MODE LF HF FML FMH 0 0 1 1 0 1 0 1 Direct dividing mode Pulse swallow mode 1/2 + pulse swallow mode
INPUT FREQUENCY TYPICAL RANGE RECEIVING BAND LW,MW,SWL SWH FM FM 0.5 ~ 20MHz 1 ~ 40MHz 30 ~ 130MHz 30 ~ 150MHz 30 ~ 130MHz
INPUT FREQUENCY PIN AMIN n FMIN 2n
(2) Setting divisor The divisor for the programmable counter is set as binary data in bits P0~P15. * Pulse swallow mode (16 bits)
LSB Address D0H P0 20 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12 P13 P14 P15 215 MSB
Divisor setting range (pulse swallow mode):n=210H~FFFH (528~65535) (Note) With the 1/2+pulse swallow mode, the actual divisor is twice the programmed value. * Direct dividing mode (12 bits)
LSB Address D0H P0 P1 P2 P3 P4 20 Don't care P5 P6 P7 P8 P9 P10 P11 P12 P13 P14 P15 211 MSB
Divisor setting range (direct dividing mode):n=10H~FFFH(16~4095) With the direct dividing mode, data p0~p3 are don't-care and bit p4 is the LSB.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
12
Silan Semiconductors
2. Prescaler and programmable counter circuit configuration (1) Pulse swallow mode circuit configuration
PSC P0-P3
SC9257
4bit swallow counter FM IN 1/2 FML AMIN HF FM,MODE P4-P15 Prescaler section FMH 2 modulus prescaler Preset 12bit programmable counter To phase comparator
Fig.3 This circuit consists of a 2 modulus prescaler, a 4 bit swallow counter and a 12bit programmable counter. During FMIN(FMIN mode),a 1/2 prescaler is added to the preceding step.
(2) Direct dividing method circuit configuration
Preset 12bit program counter To phase comparator
Amp AMIN
P4-P15
Fig.4
With the direct dividing mode, the prescaler section is bypassed and the 12bit programmable counter is used. (3) Both FMIN and AMIN have built-in amps. Data are input by capacitor coupling. FMIN and AMIN operate at low amplitude.
General-purpose counter
The general-purpose counter is a 20bit counter. It has such uses as counting AM/FM band intermediate frequencies (IF) and detecting auto-stop signals during auto-search tuning. It also features a cycle measurement function for such uses as measuring low-frequency pilot signal cycles.
1. General-purpose counter control bits (1) Bits G0 and G1 ... Used for selecting the general-purpose counter gate time.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
13
Silan Semiconductors
LSB Address D2H G0 G1
SC9257
MSB
G0 G1 GATE TIME 0 1 0 1 0 0 1 1 1ms 4ms 16ms 64ms
CYCLE MEASUREMENT PULSE 50 KHz 150 KHz 900 KHz Crystal oscillator frequency
(2) Bits SC,IF1 and IF2 ...I/O port and general-purpose counter switching bits. (*) The functions of the following pins are switched by data.
LSB Address D2H sc IF1 IF2 MSB
SC 1 0
I/O-7/SCIN SCIN I/O-7
IF1 1 0
I/O-8/IFIN1
IF2 1 0
I/O-9/IFIN2 IFIN2 I/O-9
SCIN
I/O-8
(3) Bits M7, M8 and M9 ... M7 sets the state for pin I/O-7/SCIN, M8 sets the state for pin I/O-8/IFIN1; M9, for pin I/O-9/IFIN2. These operations are valid when bits SC, IF1 and IF2 are all set to 1.
LSB Address D2H M7 M8 M9 MSB
M7 0 (*) (*) 1
M8 0 (*) 1 0
M9 0 1 0 0
PIN STATES (When bits sc, IF1 and IF2 are all set to "1") SCIN INPUT disabled IFIN1 INPUT pulled down INPUT enabled INPUT enabled INPUT pulled down IFIN2 INPUT pulled down INPUT enabled INPUT pulled down
Note: Bits marked with an asterisk "(*)" are don't care
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
14
Silan Semiconductors
SC9257
MSB
(4) Bits f0~f9...The general-purpose counter results can be read in binary from bits f0~f9 of the output register (D1H).
LSB Address D1H f0 20 General-purpose counter data f1 f2 f3 f4 f5 f6 f7 f8 f9 f10 f11 f12 f13 f14 f15 f16 f17 f18 f19 219
OVER BUSY
"0" "0"
(5) OVER and BUSY bits...Detect the operating state of the general-purpose counter.
Address D1H
OVER BUSY
MSB "0" "0"
BIT DATA = "1" General-purpose counter option monitor bit General-purpose counter overflow detection bit General-purpose counter busy Counted value in generalpurpose counter220 (Overflow state)
BIT DATA = "0" General-purpose counter ended counting Counted value in generalpurpose counter220 -1
Note: When using the general-purpose counter, before referring to the contents of the general-purpose counter result bit (f0~f9), confirm that the busy bit is "0" (counting is ended) and the OVER bit is "0" (general-purpose counter data are normal). (6) START bit...When the data are set to "1", the general-purpose counter is reset then counting begins.
LSB Address D2H start MSB
0 1
Counting continues uninterrupted. Counting begins after general - purpose counter is reset.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
15
Silan Semiconductors
2. General-purpose counter circuit configuration
SC9257
The general-purpose counter section consists of input amps, a gate time control circuit and a 20 bit binary counter.
Amp IFIN1
f0-f19 20bit binary counter
OVER Overflow detection
IFIN2 Cycle measurement pulse SC IF1 Gate Gate time control circuit START G0 fXT
SCIN (CMOS input)
IF2
G1 BUSY
Fig.5
3. General-purpose counter measurement timing
PERIOD End End
PERIOD T1 START bit set to "1"
T1 IFIN1 OR IFIN2
START bit set to "1" SCIN
BUSY bit T2 Gate Binary counter input Clock pulse to be measured
BUSY bit
Gate Binary counter input Reference clock pulse
Frequency measurement timing chart 0Cycle measurement timing chart
Note: 1. IFIN1 and IFIN2 input have built-in amps. Data are input by capacitor coupling. FMIN and AMIN operate at low amplitude. 2. SCIN is configured for CMOS input, so input signals should be logic level.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
16
Silan Semiconductors
General-purpose I/O ports
SC9257
Input/output configuration N channel open-drain output CMOS input/output
These LSIs feature general-purpose output and I/O ports which are controlled through the serial ports. Input/output form Output port I/O ports port Dedicated: 4 ports Dedicated: 1 port, Maximum: 5 ports 1.
General-purpose output ports (OT-1~OT-4) Pins OT-1~OT-4 are general-purpose dedicated output ports. They have such uses as control signal output. They are configured for N channel open-drain output and have an off withstanding voltage of 12V. The data set in bits O1~O4 of the input register (D2H) are output in parallel from their correspond dedicated output port pins OT-1~OT-4. The data set in bits O1~O4 of the input register (D2H) can also be read from the DATA pins as output register (D3H) serial data O1~O4. (1) SC9257
LSB Address D2H O1 O2 O3 O4 MSB
O1~O4
PIN OUTPUT STATE OT-1~OT-4
0
High impedance (N channel open drain output =off) "L" level (N channel open drain output =on)
1
(2)output register ... The data set in bits O1~O4 of the input register can read as serial data O1~O4 from the output register (D3H).
LSB Address D2H O1 O2 O3 O4 Input register LSB Address D3H O1 O2 O3 O4 Output register MSB MSB
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
17
Silan Semiconductors
2. General-purpose I/O ports (I/O-5~I/O-9)
SC9257
Pins I/O-5~ I/O-9 are general-purpose I/O ports used for control signal input and output. They are configured for CMOS input and output. These I/O ports are set for input or output using bits C5, C6 and M7~M9 of the input register (D2H). Setting bits C5, C6 and M7~M9 to "0" sets these ports for input. Data which are input in parallel from I/O5~I/O-9 are latched in the internal register on the ninth fall of the serial clock signal. These data can then be read as serial data I5~I9 from the DATA pins. Setting bit C5, C6 and M7~M9 to "1" sets these ports for output. Data which are set in bits O5~O9 of the input register (D2H) are output in parallel from their corresponding general-purpose I/O port pin I/O-5~I/O9. These operations are valid when bits SC, IF1, IF2 and CLK are all set to "0". (1) SC9257
LSB Address D2H
SC "0" IF1 "0" IF2 "0" CLK "0" C5 C6 M7 M8 M9
MSB
C5,C6 M7~M9 0 1
PIN INPUT /OUTPUT STATE (When SC,IF1 and IF2 are "0") I/O -5~I/O -9 Input port Output port
* Setting data for output ports
LSB Address D2H
SC "0" IF1 "0" IF2 "0" CLK "0" C5 "1" C6 "1" M7 "1" M8 "1" M9 "1" O5 O6 O7 O8
MSB
O9
O5~O9 0 1
PIN OUTPUT STATE (When SC,IF1 and IF2 are "0") I/O -5~I/O -9 "L"level "H"level
Note: On the SC9257, pins I/O-7~I/O-9 also serve as general-purpose counter input pins. Therefore, bits SC, IF1 and IF2 of the input register (D2H) must be set to "0" when pins I/O-7~ I/O-9 are used for I/O ports. Since pin I/O-5 also serves as the CLK pin, the CLK bit of the input register (D2H) must be set to "0" when pin I/O5 is used as an I/O port.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
18
Silan Semiconductors
SC9257
MSB C5 C6 M7 M8 M9 Input register MSB C5 C6 M7 M8 M9 Output register
(2) Output register... Data which ate set in bits C5, C6 and M7~M9 of the input register (D2H) can be read as serial data C5, C6 and M7~M9 from the output register (D3H).
LSB Address D2H LSB Address D3H
Data which are input in parallel from pins I/O -5~I/O-9 can be read as serial data I5~I9 from the output register (D3H)
LSB Address D3H MSB I5 I6 I7 I8 I9 Input register
I/O-5
I/O-6 I/O-7 Input data
I/O-8 I/O-9
INPUT PORTS (I/O-5 ~ I/O-9) "L" level "H" level
BIT DATA (15-19) 0 1
Note: 1. When pins I/O-5~I/O-9 are used for output, the data in I5~I9 of the output register(D3H) are undefined.. 2.When power is turned on, input register (D2H) I/O port control bits C5, C6 and M7~M9 and output data bits O5~O9 are set to "0". General-purpose I/O ports are set as input ports. Pins which are used both as general-purpose I/O ports and for general-purpose counter input are set for I/O port input. The output state of general-purpose output ports is set to high impedance (N channel open drain output =off).
A typical example of data setting for general-purpose counter and I/O port use is shown below.
LSB Address D2H
SC IF1 IF2 "0" "1" "1" M7 M8 M9 "1" "1" "0"
MSB
PIN NAME Pin function Pin input/ output state
I/O-7/SCIN I/O-7 Output port
I/O-8/IFIN1 IFIN1 Input enable
I/O-9/IFIN2 IFIN2 Input pulled down
As shown above, the pins can be switched as necessary to enable use as an I/O port or general-purpose counter.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
19
Silan Semiconductors
Phase comparator
SC9257
The phase comparator outputs the phase error after comparing the phase difference of the reference frequency signal supplied by the reference counter and the divided output from the programmable counter. The frequencies and phase differences of these two signals are then equalized by passing them through low-pass filters. These signals then control the VCO. The filter constants can be customized for FM and AM bands since the signals are output in parallel from the phase comparator then pass through the two tristate buffer pins, DO1 and DO2.
Reference frequency signal R S phase comparator
VDD DO1 L.P.F VDD DO2 L.P.F
Fig.7
VCC
Programmable counter output
FM VCO
AM VCO
R
R2
C
RL To VCO varactor diode Tr2 Typical low-pass filter constants (FM band reference values) C=0.33F R1=10K R2=8.2K R3=330 RL=10K
S DO floating Low level High level
R1 DO Tr1 R3
Standard Tr1:2SC1815 Tr2:2SK246
DO Output Timing Chart
Typical Active Low-Pass Filter Circuit Fig.8 Fig.9
The figures above show the DO output timing chart and a typical active low-pass filter circuit featuring a Darlington connection between the FET and transistor. The filter circuit shown above is just one example. Actual circuits should be designed based on the band composition and the properties desired from the system.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
20
Silan Semiconductors
Lock detection bits
SC9257
The lock detection bits detect locked states in the PLL system. These systems have an unlock detection bit (unlock bit) which is used to detect, using the reference frequency cycle, the phase difference between the reference frequency and divided output of programmable counter. These systems also have phase error detection bits ( bits PE1~PE3), which are capable of more precise detection (0.55s~7.15s). 1. Unlock detection bit (UNLOCK) This bit detects, using the reference frequency cycle, the phase difference between the reference frequency and the divided output of the programmable counter. When there is no lock, that is, when the reference frequency and the divided output of the programmable counter are not the same, unlock F/F is set. Unlock F/F is reset every time the input register (D2H) unlock reset bit (RESET) is set to "1". After unlock F/F has been reset in this way, locked state can detected by checking the unlock detection bit (UNLOCK) of the output register (D3H). After unlock F/F has been reset, the unlock detection bit must be checked after a time interval exceeding that of the reference frequency cycle has elapsed. This is because the reference frequency cycle inputs the lock detection strobe to unlock F/F. If the time interval is short, the correct locked state cannot be detected. Therefore, the output register (D3H) has a lock enable bit (ENABLE). This bit is reset every time the input register (D2H) reset bit is set to "1", and set to "1" through the lock detection timing. That is, the locked state is correctly detected when the lock enable bit (ENABLE) is "1".
Reference frequency Programmable counter output DO output High impedance "L" level Phase comparator Lock detection strobe Unlock is reset (RESET) Unlock F/F (UNLOCK) Lock enable (ENABLE) Phase error detection Counts phase difference.
"H" level
Fig.10
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
21
Silan Semiconductors
LSB Address D2H
RESET
SC9257
MSB Input register
Setting data to "1" resets unlock detection bit and lock enable bit.
LSB Address D3H
ENABLE UN LOCK
MSB Output register
1 0
PLL lock detection enabled PLL lock detection in waiting state
1 0
PLL in unlocked state(*) PLL in locked state
Note: The asterisk (*) indicates an error state of over 180 phase difference relative to the reference frequency 2. Phase error detection bits (PE1~PE3) The unlock bit detects, using the reference frequency cycle, the phase difference between the reference frequency and the divided output of the programmable counter. The phase error detection bits (bits PE1~PE3) are capable of precise phase error detection of 0.55s~7.15s using the reference frequency cycle.( If the UNLOCK bit is set to "1" and the phase difference relative to the reference frequency is over 180, bits PE1~PE3 cannot correctly detect the phase error. Therefore, bits PE1~PE3 are normally used when the UNLOCK bit is set to "0".) Bits PE1~PE3 detect phase error normally when the phase difference is -180~180 relative to the reference frequency cycle.
LSB Address D3H
PE1 PE2 PE3
MSB
PE1 0 0 0 0 1 1 1 1
PE2 0 0 1 1 0 0 1 1
PE3 0 1 0 1 0 1 0 1
PHASE ERROR (PE) PEThe phase error data can be read from the output register (D3H) as serial data PE1~PE3.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
22
Silan Semiconductors
SC9257
Frequency change
Following is a typical lock detection operation. It shows the operation flow from locked state to frequency change with a phase error greater than 6.05s.
WAIT
Phase error detection start Reset bit 1
WAIT Time interval exceeding that of reference frequcncy cycle
ENABLE=1? YES UNLOCK bit =0? YES (Lock) Check phase error detection bits PE1,PE2 and PE3
NO
NO (UNLOCK)
NO
PE1=1,PE2=0,PE3=1? YES
Phase error=greater than f4.95s and less than f6.05s
Fig.11
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
23
Silan Semiconductors
Other control bits
1. CLK and C5 bits...Control bits which switch the function for the I/O-5/CLK pin. (1) The CLK bit controls switching of the I/O-5/CLK pin and CLK pin. When bits R0~R3 of the input register (D0H) are all set to "1" (standby mode)
LSB Address D2H
CLK C5
SC9257
MSB
CLK 0 0 1 1
C5 0 1 0 CLK output 1
I/O-5/ CLK PIN STATE I/O port Input port Output port System clock off (CLK at "L" level) System clock output(*)
CRYSTAL OSCILLATOR CIRCUIT STATE Oscillator circuit off
Oscillator circuit on
When one of bit R0~R3 of the input register (D0H) is set to "0" (not standby mode)
LSB Address D2H
CLK C5
MSB
CLK 0 0 1 1
C5 0 1 0 1 CLK output
I/O-5/ CLK PIN STATE I/O port Input port Output port System clock output(*)
CRYSTAL OSCILLATOR CIRCUIT STATE
Oscillator circuit on
Note: The system clock output marked with an asterisk "(*)" refers to output of the crystal oscillator frequencies listed below.
Crystal oscillator (MHz) 10.8 7.2 3.6 4.2
System clock (kHz)
Duty (%)
600
50
750
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
24
Silan Semiconductors
2. DOHZ bit...controls the DO2 pin output state.
LSB Address D2H
DOHZ
SC9257
MSB
0 1
3.
DO2 output in normal operation (phase comparison error output) DO2 output fixed at high impedance
TEST bit... Data should normally be set to "0".
LSB Address D2H
TEST "0"
MSB
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
25
Silan Semiconductors
ELECTRICAL CHARACTERISTICS CURVE
AMIN(LF) Frequency Characteristics
1414 1000 1414 1000
SC9257
FMIN(LF) Frequency Characteristics
INPUT LEVEL (mVrms)
500 200 106 71 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100
INPUT LEVEL (mVrms)
500 200 106 71 50 20 10 5 2 1 0 20 40 60 80 100 120 140 160 180 200
INPUT FREQUENCY (MHz)
INPUT FREQUENCY (MHz)
AMIN(HF) Frequency Characteristics
1414 1000
IFIN(LF) Frequency Characteristics
1414 1000
INPUT LEVEL (mVrms)
500 200 106 71 50 20 10 5 2
INPUT LEVEL (mVrms)
0.2 0.5 1 2 5 10 20 40 50 100
500 200 106 71 50 20 10 5 2 1 0.05 0.1 0.2 0.5 1 2 5 10 15 20 50
0.1
1
INPUT FREQUENCY (MHz) (Note) Operating Guarantee Range VDD=4.5~5.5v,Ta = -40 ~ 85k) Standard Characteristics(VDD = 5V,Ta =25k) (Note) +
INPUT FREQUENCY (MHz) FMIN:FMH FMIN:FML Operating Guarantee Range (VDD=4.5~5.5v,Ta = -40 ~ 85k)
Standard Characteristics(VDD = 5V,Ta =25k)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
26
Silan Semiconductors
APPLICATION CIRCUIT
VCC
SC9257
5Vtyp. Varator Diode AM VCO
C 1 MicroController PERIOD CLOCK DATA C X'tal 2 3 4 19 18 0.01F 17 0.01F 16 15 0.001F 7 8 9 10 14 13 12 4.7F 11 2 4 0.1F 0.01F 20
AM VCO SCIN signal AMIF signal FMIF signal
5 6
SC9257
I/O Port 12V max. Output Port
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
27
Silan Semiconductors
PACKAGE OUTLINE
SC9257
UNIT: mm
2.54 +0.1 -0.05
DIP20-P-300-2.54
6.40B0.2
7.62
1.40B0.1 25.1 24.6B0.2 4.15B0.3 3.5B0.2
B
SOP20-P-300-1.27
3.30B0.3
UNIT: mm
7.62 (300mil)
5.3B0.2
1.27
0.43B0.1
13.3 12.8B0.2 1.5B0.2
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0 2001.10.18
28
7.62
0.25 15 o


▲Up To Search▲   

 
Price & Availability of SC9257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X